Part Number Hot Search : 
B7664 MU22S ISL2902 9C08052A 14D361K 58000 15KP280 3223EEY
Product Description
Full Text Search
 

To Download 2SB645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB645
DESCRIPTION *With TO-3 package *High power dissipation APPLICATIONS *For power switching and general purpose applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -200 -200 -5 -15 -5 150 150 -65~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB645
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-50mA ;IB=0 IE=-1mA ;IC=0 IC=-10A; IB=-1A VCB=-200V; IE=0 VEB=-6V; IC=0 IC=-1A ; VCE=-5V IC=-0.5A ; VCE=-10V 40 12 MIN -200 -5 -3.0 -0.1 -0.1 140 MHz TYP. MAX UNIT V V V mA mA
SYMBOL V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE fT
hFE Classifications R 40-80 O 70-140
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB645
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X